Part Number Hot Search : 
AD580JH 1H681 D13009 CH341DS 3100A CR8PM KA7824AE LF353DR
Product Description
Full Text Search
 

To Download PTHXX050Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.3/5/12 Vin Single Output
DC-DC CONVERTERS * * * * * * * * * * * Non-isolated DDR/QDR Memory Bus Termination Module NEW Product 1 VTT bus termination output (output tracks the system VREF) 6 A output current (8 A Peak) 3.3 Vdc, 5 Vdc or 12 Vdc input voltage DDR and QDR compatible ON/OFF inhibit (for VTT standby) Under-voltage lockout Operating temperature range: -40 C to +85 C Efficiencies up to 88% Output overcurrent protection (non-latching, auto-reset) Point-of-Load-Alliance (POLA) compatible Available RoHS compliant
PTHXX050Y
The PTHXX050Y are a new series of non-isolated dc-dc converters designed specifically for bus termination in DDR and QDR memory applications. Operating from either a 3.3 Vdc, 5 Vdc or 12 Vdc input, the modules generate a VTT output that will source or sink up to 6 A of current to accurately track their VREF input. VTT is the required bus termination supply voltage, and VREF is the reference voltage for the memory and chipset bus receiver comparators. VREF is usually set to half the VDDQ power supply voltage. The PTHXX050Y series employs an actively switched synchronous rectifier output to provide state of the art stepdown switching conversion. The products are small in size and are an ideal choice where space, performance and high efficiency are desired.
All specifications are typical at nominal input, VREF = 1.25 V, full load at 25 C unless otherwise stated. Cin, Co1 and Co2 = typical value OUTPUT SPECIFICATIONS Output current (over VREF range) Tracking range for VREF Tracking tolerance to VREF (VTT - VREF) (over line, load and temperature) Ripple and noise Load transient response (See Note 5) Output capacitance: Non-ceramic values (See Notes 5 and 6) Ceramic values (See Note 5) (See Note 7) 20 MHz bandwidth All models Continuous (See Note 1) Repetitive pulse (See Note 2) 6 A 8 A 0.55-1.8 V -10 mV to +10mV INPUT SPECIFICATIONS CONTD. Input capacitance (See Note 4) Remote ON/OFF GENERAL SPECIFICATIONS Efficiency Io = 4 A Insulation voltage Switching frequency PTH03050Y PTH05050Y PTH12050Y PTH03050Y PTH05050Y PTH12050Y
2 YEAR WARRANTY
SPECIFICATIONS
PTH03050Y and PTH05050Y PTH12050Y
470 F 560 F Active high
88% typ. 87% typ. 84% typ. Non-isolated 550- 650 kHz 550-650 kHz 200-300 kHz EN60950 UL/cUL60950 UL94V-0
20 mV pk-pk
80 s settling time Overshoot/undershoot 25 mV typ. PTH03050Y 470 F typ., 3,300 F max. PTH05050Y 470 F typ., 3,300 F max. PTH12050Y 940 F typ., 3,300 F max. PTH03050Y 200 F typ., 300 F max. PTH05050Y 200 F typ., 300 F max. PTH12050Y 400 F typ., 600 F max. 4 m min ESR (non-ceramic)
Approvals and standards Material flammability Dimensions Weight MTBF Telcordia SR-332 (L x W x H)
22.10 x 12.57 x 8.50 mm 0.870 x 0.495 x 0.335 in 2.9 g (0.10 oz) 6,000,000 hours
INPUT SPECIFICATIONS Input current Input voltage range No load PTH03050Y PTH05050Y PTH12050Y 10 mA 2.95-3.65 Vdc 4.5-5.5 Vdc 10.8-13.2 Vdc ENVIRONMENTAL SPECIFICATIONS Thermal performance (See Note 2) MSL (`Z' suffix only) Vin increasing 2.45 V typ., 2.80 V max. Vin decreasing 2.20 V min., 2.40 V typ. Vin Vin Vin Vin increasing 4.30 V typ., 4.45 V max. decreasing 3.40 V min., 3.70 V typ. increasing 9.5 V typ., 10.4 V max. decreasing 8.80 V min., 9.0 V typ. PROTECTION Overcurrent threshold (auto reset) All models 12 A typ. Operating ambient, temperature Non-operating -40 C to +85 C -40 C to +125 C
Undervoltage lockout: PTH03050Y PTH05050Y PTH12050Y
JEDEC J-STD-020C Level 3
File Name: PTHXX050Y.pdf Rev (02): 19 Dec 2005
3.3/5/12 Vin Single Output
DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module NEW Product 2 For the most current data and application support visit www.artesyn.com/powergroup/products.htm
OUTPUT POWER (MAX.) 10.8 W 10.8 W 10.8 W OUTPUT CURRENT (MIN.) 0A 0A 0A OUTPUT CURRENT (MAX.) 6 A 6 A 6 A
PTHXX050Y
VTT RANGE 0.55-1.8Vdc 0.55-1.8Vdc 0.55-1.8Vdc
INPUT VOLTAGE 2.95-3.65 Vdc 4.5-5.5 Vdc 10.8-13.2 Vdc
EFFICIENCY (TYP.) 88% 87% 84%
MODEL NUMBER (9,10) PTH03050Y PTH05050Y PTH12050Y
Part Number System with Options
PTH05050YAST
Packaging Options No Suffix = Trays T = Tape and Reel (8) Mounting Option (9) D = Horizontal Through-Hole (Matte Sn) H = Horizontal Through-Hole (Sn/Pb) S = Surface-Mount (63/37 Sn/Pb pin solder material) Z = Surface-Mount (96.5/3.0/0.5 Sn/Ag/Cu pin solder material) Pin Option A = Through-Hole Std. Pin Length (0.140") A = Surface-Mount Tin/Lead Solder Ball Output Voltage Code Y = DDR Module
Product Family Point of Load Alliance Compatible Input Voltage 03 = 3.3 V, 05 = 5 V and 12 = 12 V Output Current 05 = 6 A Mechanical Package Always 0
Notes
1 Rating is conditional on the module being directly soldered to a 4 layer PCB with 1 oz. copper. See the SOA curves or contact the factory for appropriate derating. The PTH03050Y and PTH05050Y require no derating up to 85 C operating temperature and natural convection airflow. Up to 10 ms pulse period at 10% maximum duty. This control pin has an internal pull-up to the input voltage Vin. If it is left open-circuit the module will operate when input power is applied. A small low-leakage (<100 nA) MOSFET is recommended for control. For further information, consult Application Note 178. An input capacitor is required for proper operation. The capacitor must be rated for a minimum of 300 mA rms (750 mA rms for 12 V input) of ripple current. The typical value of external output capacitance value ensures that VTT meets the specified transient performance requirements for the memory bus terminations. Lower values of capacitance may be possible when the measured peak change in output current is consistently less than 3 A. Test conditions were 15 A/s load step, -1.5 A to +1.5 A. This is the calculated maximum. The minimum ESR limitation will often result in a lower value. Consult Application Note 178 for further details. 7 This is the typical ESR for all the electrolytic (non-ceramic) output capacitance. Use 7 m as the minimum when using max ESR values to calculate. 8 Tape and reel packaging only available on the surface-mount versions. 9 To order Pb-free (RoHS compatible) surface-mount parts replace the mounting option `S' with `Z', e.g. PTHXX050YAZ. To order Pb-free (RoHS compatible) through-hole parts replace the mounting option `H' with `D', e.g. PTHXX050YAD. 10 NOTICE: Some models do not support all options. Please contact your local Artesyn representative or use the on-line model number search tool at http://www.artesyn.com/powergroup/products.htm to find a suitable alternative. 6
2 3
4
5
International Safety Standard Approvals
UL/cUL CAN/CSA-C22.2 No. 60950 File No. E174104 TUV Product Service (EN60950) Certificate No. B 04 06 38572 044 CB Report and Certificate to IEC60950, Certificate No. US/8292/UL
File Name: PTHXX050Y.pdf Rev (02): 19 Dec 2005
3.3/5/12 Vin Single Output
DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module NEW Product 3 For the most current data and application support visit www.artesyn.com/powergroup/products.htm
PTHXX050Y
AMBIENT TEMPERATURE (C)
90
8
OUTPUT CURRENT (A)
80 70 60 Nat conv 50 40 30 20 0 1 2 3 4 5 6
6 5 4 3 2 1 0 0 10 20 30 40 50 60 70 80 Nat conv 100 LFM 200 LFM
OUTPUT CURRENT (C)
Figure 1 - Safe Operating Area Vin = 3.3 V, VREF = 1.25 V, Iout = 6 A (See Note A)
AMBIENT TEMPERATURE (C)
Figure 2 - Safe Operating Area Vin = 12V, VREF = 1.25 V, Iout = 6 A (See Note A)
Vin
100 90
VDDQ 1 2 3 1k 1% 4 PTHXX050Y (Top View) 5 Con hf-Ceramic
VTT Termination Island
VREF VTT
EFFICIENCY (%)
1k 1%
6
80 70 60 50
Vin 3.3V 5.0V 12.0V
Cin (Required) Standby Q1 BSS138 (Optional)
+
Co1 Low-ESR (Required)
+ Co2 Ceramic (Optional)
SSTL-2 Data/ Address/ Bus
GND
0
1
2
3
4
5
6
OUTPUT CURRENT (A)
Figure 3 - Efficiency vs Load Current VREF = 1.25 V (See Note B) Figure 4 - Standard Application
Notes
A The SOA curves represent the conditions at which internal components are within the Artesyn derating guidelines. B Characteristic data has been developed from actual products tested at 25 C. This data is considered typical data for the converter.
File Name: PTHXX050Y.pdf Rev (02): 19 Dec 2005
3.3/5/12 Vin Single Output
DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module NEW Product 4 For the most current data and application support visit www.artesyn.com/powergroup/products.htm
PTHXX050Y
0.140 (3.55) 0.870 (22.10) 0.060 (1.52) 1 0.125 (3.18) 0.125 (3.18) 0.125 (3.18) 2 3 5 4
0.070 (1.78) (Standoff Shoulder)
0.750 (19.06) 6
0.060 (1.52)
o0.040 (1.02) 6 Places
0.375 0.495 (12.57) (9.52)
Lowest Component 0.010 min. (0.25) Bottom side Clearance
TOP VIEW 0.335 (8.50) MAX. Dimensions in Inches (mm) Tolerances (unless otherwise specified) 2 Places 0.030 (0.76) 3 Places 0.010 (0.25) SIDE VIEW
Host Board
PIN CONNECTIONS PIN NO. 1 2 3 FUNCTION Ground VREF Vin Inhibit* N/C VTT
Figure 5 - Plated Through-Hole Mechanical Drawing
4 5 6
0.870 (22.10) 0.060 (1.52) 1 2 3 5 4 SIDE VIEW 0.750 (19.06) 0.060 (1.52) 6 0.495 0.375 (12.57) (9.52) Solder Ball o0.040 (1.02) 6 Places
Lowest Component 0.010 min. (0.25) Bottom side Clearance
*Denotes negative logic: Open = Normal operation Ground = Function active
0.335 (8.50)
max.* *After solder reflow on customer board
0.125 (3.18) 0.125 (3.18) 0.125 (3.18)
TOP VIEW
Host Board
Dimensions in Inches (mm) Tolerances (unless otherwise specified) 2 Places 0.030 (0.76) 3 Places 0.010 (0.25)
Figure 6 - Surface-Mount Mechanical Drawing
Datasheet (c) Artesyn Technologies(R) 2005 The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items: Application Note
www.artesyn.com
File Name: PTHXX050Y.pdf Rev (02): 19 Dec 2005


▲Up To Search▲   

 
Price & Availability of PTHXX050Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X